Part Number Hot Search : 
TMT30124 5HFP100 1058015 NCP15 SW12220E 001SM PQ208 85XXX
Product Description
Full Text Search
 

To Download GBLC03 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  only one name means protektion? www.protekdevices.com 05126.r13 1/11 page 1 05126 GBLC03 - gblc24c u l t r a low c a p a ci ta nce t vs a rr a y d escrip t ion the gblcxx and gblcxxc series are ultra low capacitance transient voltage suppressor arrays, designed to protect applicatons such as portable electronics and smart phones. this series is available in both unidirectonal and bidi - rectonal confguratons and is rated at 350 wats for an 8/20s waveshape. the gblcxx and gblcxxc series meets iec 61000-4-2 (esd) and iec 61000-4-4 (eft) requirements. at higher operat - ing frequencies or faster edge rates, inserton loss and signal integrity are a major concern. this series ofers a ultra low capacitance and low leakage current in a miniature sod-323 package. f e atu res ? compatble with iec 61000-4-2 (esd): air - 15kv, contact - 8kv exceeds level 4: handles 10kv contact & 25kv air discharge ? compatble with iec 61000-4-4 (eft): 40a - 5/50ns ? compatble with iec 61000-4-5 (surge) ? 350 wats peak pulse power per line (tp = 8/20s) ? replacement for mlv (0805) ? unidirectonal & bidirectonal confguraton ? protects one power or i/o port ? esd protecton > 25kv ? low clamping voltage ? available in multple voltages ranging from 3v to 24v ? ultra low capacitance: 3pf (typical) ? rohs compliant ? reach compliant m ec ha nic a l c ha r a c t eris t ics ? molded jedec sod-323 package ? approximate weight: 5 milligrams ? lead-free pure-tin platng (annealed) ? solder refow temperature: pure-tin - sn, 100: 260-270c ? 8mm tape and reel per eia standard 481 ? flammability ratng ul 94v-0 a pplic at ions ? ethernet 10/100/1000 base t ? smart phones ? handheld - wireless systems ? usb interface sod-323 p a c ka ge pin config u r at ion s 1 2 1 2 unidirectional bidirectional
only one name means protektion? www.protekdevices.com 05126.r13 1/11 page 2 05126 GBLC03 - gblc24c t ypic a l device c ha r a c t eris t ics m a xim u m r at ings @ 25c u nless otherwise specifed p a r a me t er symbol v a l u e u ni t s peak pulse power (tp = 8/20s) - see figure 1 p pp 350 wats operatng temperature t a -55 to 150 c storage temperature t stg -55 to 150 c elec t ric a l c ha r a c t eris t ics per line @ 25c u nless otherwise specifed p a r t n u mber ( n ote 1 -2) device m a r k ing r at ed s ta nd-off vol ta ge v wm vol t s minim u m bre ak down vol ta ge @ 1 m a v (br) vol t s m a xim u m cl a mping vol ta ge (f ig. 2) @ ip = 1 a v c vol t s m a xim u m le aka ge c u rren t @v wm i d a t ypic a l c a p a ci ta nce @0v, 1m h z c p f GBLC03 3 3.3 4.0 7.0 5 3 GBLC03c 3c 3.3 4.0 7.0 5 3 gblc05 5 5.0 6.0 9.8 5 3 gblc05c 5c 5.0 6.0 9.8 5 3 gblc08 8 8.0 8.5 13.4 2 3 gblc08c 8c 8.0 8.5 13.4 2 3 gblc12 2 12.0 13.3 19.0 1 3 gblc12c 2c 12.0 13.3 19.0 1 3 gblc15 6 15.0 16.7 24.0 1 3 gblc15c 6c 15.0 16.7 24.0 1 3 gblc24 4 24.0 26.7 43.0 1 3 gblc24c 4c 24.0 26.7 43.0 1 3 n o t es 1. part numbers with an additonal c sufx are bidirectonal devices, i.e., gblc05 c. 2. unidirectonal only: positve potental is applied from pin 1 to 2.
only one name means protektion? www.protekdevices.com 05126.r13 1/11 page 3 05126 GBLC03 - gblc24c t ypic a l device c ha r a c t eris t ics fig u re 1 pe ak p u lse power vs p u lse t ime t d - pulse duraton - s 350w, 8/20s waveform 0.1 1 10 100 1,000 10,000 p pp - peak pulse power - wats 10 100 1,000 10,000 test waveform parameters t f = 8s t d = 20s t f e -t peak value i pp t d = t/(i pp /2) fig u re 2 p u lse w a ve form t - time - s 0 5 10 15 20 25 30 i pp - peak pulse current - % of i pp 0 20 40 60 80 100 120
only one name means protektion? www.protekdevices.com 05126.r13 1/11 page 4 05126 GBLC03 - gblc24c spice model fig u re 1 spice model ta ble 1 - spice p a r a me t ers p a r a me t er u ni t a bd (t vs ) lcrd bv v see table 2 200 ibv a 1 0.01 c jo pf see table 2 6 i s a see table 2 1e-11 vj v 0.6 0.6 m - 0.33 0.33 n - 1 1 r s ohms see table 2 0.75 tt s 1e-8 1e-9 eg ev 1.11 1.11 ta ble 2 - a bd specific spice p a r a me t ers p a r t n u mber b v ( vol t s ) c jo ( p f) i s (a mps ) r s ( o h ms ) gblc05 6.0 230 1e-11 0.014 gblc05c 6.0 230 1e-11 0.014 abd - avalanche breakdown diode (tvs) lcrd: low capacitance rectfer diode lg - lead inductance abd lg 0.6nh unidirectional bidirectional lcrd lcrd i/o abd lg 0.6nh lcrd lcrd i/o abd
only one name means protektion? www.protekdevices.com 05126.r13 1/11 page 5 05126 GBLC03 - gblc24c sod-323 p a c ka ge inform at ion o ut line dimensions dim millime t ers inc h es min m a x min m a x a 1.60 1.90 0.063 0.075 b 1.15 1.45 0.045 0.057 c 2.39 2.70 0.094 0.106 d 0.80 1.10 0.031 0.043 e 0.25 0.40 0.010 0.016 f 0.10 0.20 0.004 0.008 h - 0.10 - 0.004 l 0.20 - 0.008 - no t es 1. controlling dimension: millimeters. 2. dimensioning and tolerances per ansi y14.5m, 1985. 3. dimensions are exclusive of mold fash and metal burrs. p a d l a yo ut dimensions dim millime t ers inc h es min m a x min m a x a 2.87 3.12 0.113 0.123 b 0.66 0.91 0.026 0.036 c 0.66 0.91 0.026 0.036 no t es 1. controlling dimension: millimeters. a c e b f l d h a b c
only one name means protektion? www.protekdevices.com 05126.r13 1/11 page 6 05126 GBLC03 - gblc24c ta pe a nd reel 10 pitches cumulatve tolerance on tape 0.2 w f b0 e p2 p0 d p a0 k0 t user directon of feed top cover tape pin 1 indicated by band specific at ions r eel d i a. t a pe w id th a 0 b0 k 0 d e f w p0 p2 p tmax 178mm (7) 8mm 1.55 0.10 2.90 0.10 1.35 0.10 1.50 0.10 1.75 0.10 3.50 0.05 8.00 0.30 4.00 0.10 2.00 0.05 4.00 0.10 0.25 n o t es 1. dimensions are in millimeters. 2. surface mount product is taped and reeled in accordance with eia-481. 3. sufx - t7 = 7 reel - 3,000 pieces per 8mm tape. 4. marking on part - marking code (see page 2), polarity band (unidirectonal only). package outline, pad layout and tape specifcatons per document number 06010.r4 9/10. ordering inform at ion b a se p a r t n u mber ( xx = v oltage ) le a dfree s u ffix ta pe s u ffix q t y/reel reel size tu be q t y gblcxx/gblcxxc -lf -t7 3,000 7 n/a
only one name means protektion? www.protekdevices.com 05126.r13 1/11 page 7 05126 GBLC03 - gblc24c comp a ny inform at ion comp a ny profile protek devices, based in tempe, arizona usa, is a manufacturer of transient voltage suppression (tvs) products designed specifcally for the protecton of electronic systems from the efects of lightning, electrostatc discharge (esd), nuclear electromagnetc pulse (nemp), in - ductve switching and emi/rfi. with over 25 years of engineering and manufacturing experience, protek designs tvs devices that provide applicaton specifc protecton solutons for all electronic equipment/systems. protek devices analog products division, also manufactures analog interface, control, rf and power management products. copyright ? protek devices 2001 - this literature is subject to all applicable copyright laws and is not for resale in any manner. specifications: protek reserves the right to change the electrical and or mechanical characteristcs described herein without notce. design changes: protek reserves the right to discontnue product lines without notce and that the fnal judgement concerning selecton and specifcatons is the buyers and that in furnishing engineering and technical assistance. protek assumes no responsibility with respect to the selecton or specifcatons of such products. protek makes no warranty, representaton or guarantee regarding the suitability of its products for any partcular purpose, nor does protek assume any liability arising out of the applicaton or use of any product or circuit and specifcally disclaims any and all liability without limitaton special, consequental or incidental damages. life support policy: protek devices products are not authorized for use in life support systems without writen consent from the factory. con ta c t us corporate h eadquarters 2929 south fair lane tempe, arizona 85282 usa by t elephone general: 602-431-8101 sales: 602-414-5109 customer service: 602-414-5114 by fax general: 602-431-2288 by e-mail: sales: sales@protekdevices.com customer service: service@protekdevices.com technical support: support@protekdevices.com web www.protekdevices.com www.protekanalog.com


▲Up To Search▲   

 
Price & Availability of GBLC03

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X